Part Number Hot Search : 
M471B527 MC14067B 2SA2012 C1002 VT83205Q RH2D1 LPC903F PSD934F2
Product Description
Full Text Search
 

To Download 2036-07-C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 2036 series - miniature 3-pole gas discharge tube features balanced mini-trigard 5 mm diameter, 7.5 mm long ul recognized rohs compliant* versions available applications telecommunications industrial electronics commercial electronics consumer electronics automotive, aircraft, military electronics impulse transverse delay ......................................100 v/? ......................................................... ..............< 75 ns insulation resistance.............................................100 v (50 v for model 2036?7 & 2036-09) .................> 10 10 ? glow voltage..........................................................10 ma.................................................... .......................~ 70 v arc voltage.............................................................1 a.................................................... ............................~ 10 v glow-arc transition current .................................................................................................... ....................< 0.5 a capacitance...........................................................1 mhz.................................................... .......................< 2 pf dc holdover voltage 1 ...........................................135 v, (52 v for model 2036-07 & 2036-09,.................< 150 ms 80 v for model 2036-15) impulse discharge current ....................................20000 a, 8/20 ? 2 ......................................................... 1 operation minimum 10000 a, 8/20 ?..........................................................> 10 operations 200 a, 10/1000 ? .......................................................> 300 operations 200 a, 10/700 ? .........................................................> 500 operations alternating discharge current................................20 arms, 1 s 2 ................................................................ 1 operation minimum 10 arms, 1 s .................................................................> 10 operations operating temperature.......................................................................................................... ...................... -55 to +85 ? optional switch-grade failsafe device available. notes: ul recognized component, ul file e153537. model number marking on tube: xxx v. the rated discharge current for mini-trigard gas discharge tubes is the total current equally divided between each line to ground. sparkover limits after life ?5 %, ir >10 8 ? (-25 %,+30 % for model 2036-07, 2036-09 and 2036-60). operating characteristics per rus pe-80 and telcordia gr 1361 available, contact factory. 1 network applied. 2 dc sparkover may exceed ?5 % after discharge, but will continue to protect without venting. characteristics test methods per itu-t (ccitt) k.12, ieee c62.31 characteristic model no. 2036-07 2036-09 2036-15 2036-20 2036-23 2036-25 dc sparkover ?0 % @ 100 v/s 75 v 90 v 150 v 200 v 230 v 250 v impulse sparkover 100 v/? 1000 v/? 250 v 525 v 250 v 550 v 350 v 500 v 425 v 575 v 450 v 600 v 475 v 625 v characteristic model no. 2036-30 2036-35 2036-40 2036-42 2036-47 2036-60 dc sparkover ?0 % @ 100 v/s 300 v 350 v 400 v 420 v 470 v 600 v impulse sparkover 100 v/? 1000 v/? 500 v 650 v 600 v 750 v 650 v 825 v 675 v 850 v 750 v 950 v 850 v 1100 v *rohs compliant versions available
*center electrode lead: see center lead c-configuration detail. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 2036 series - miniature 3-pole gas discharge tube product dimensions 2036-xx-a 5.1 (.202) 0.7 - 1.0 (.028 - .040) dia. dia. 7.4 - 7.7 (.290 - .303) 2036-xx-b2 ?0.8 mm (0.032 in.) dia. lead wire 2036-xx-c2 ?1.0 mm (0.040 in.) dia. lead wire* 2036-xx-b3 ?0.8 mm (0.032 in.) dia. lead wire 2036-xx-c3 ?1.0 mm (0.040 in.) dia. lead wire* 2036-xx-b9 ?0.8 mm (0.032 in.) dia. lead wire 2036-xx-c9 ?1.0 mm (0.040 in.) dia. lead wire* 4.0 (.157) 4.4 (.173) 4.4 (.173) 4.0 (.157) 3.8 (.150) 3.8 (.150) 4.0 (.157) 9.5 (.374) 19.0 (.748) 4.0 (.157) 25.0 (0.99) long min. 0.8 (.032) 4.0 (.157) 25.0 (0.99) long min. 2036-xx-b8 ?0.8 mm (0.032 in.) dia. lead wire 2036-xx-c8 ?1.0 mm (0.040 in.) dia. lead wire* failsafe configuration 2036-xx-b2f shown center electrode lead: c-configuration 2036-xx-b ?0.8 mm (0.032 in.) dia. lead wire 2036-xx-c ?1.0 mm (0.040 in.) dia. lead wire* optional configuration 4.0 (.157) 0.8 (.032) 6.2 (.244) 5.3 (.208) 4.0 (.157) 1.0 (.040) dimensions = millimeters (inches)
2036 series - miniature 3-pole gas discharge tube switch-grade failsafe device shorting curve 2036-xx-xf 1.0 10.0 5.0 0.5 current (a) (eltgs) 0.1 0.1 110 eltgs = each line to ground simultaneously note: when using a gdt failsafe device, it is imperative that all components associated and connected to the gdt with failsafe be tested in their respective completely integrated environment (finished product) to assure proper operation. seconds 100 rev 05/06 specifications are subject to change without notice. customers should verify actual device performance in their specific applications. packaging specifications model 2036-xx-nn ships standard bulk pack, 100 pcs./tray. how to order 2036 - xx - x - nn - f lf model number designator voltage (divided by 10) 07 = 75 v 30 = 300 v 09 = 90 v 35 = 350 v 15 = 150 v 40 = 400 v 20 = 200 v 42 = 420 v 23 = 230 v 47 = 470 v 25 = 250 v 60 = 600 v leads a = none b = 0.8 mm c = 1 mm lead shape (see product dimension drawings) fail-short option blank = standard product f = with fail-short mechanism lead free option blank = standard product lf = lead free/rohs compliant product (not available on models with fail-short mechanism)


▲Up To Search▲   

 
Price & Availability of 2036-07-C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X